PART |
Description |
Maker |
HSMP-4820 HSMP-3864 HSMP-3890 HSMP-3892 HSMP-3893 |
Surface Mount PIN Diodes 100 V, SILICON, PIN DIODE 50 V, SILICON, PIN DIODE 200 V, SILICON, PIN DIODE Surface Mount PIN Diodes 表面贴装PIN二极 Surface Mount PIN Diodes(表贴PIN 二极
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] http:// Agilent(Hewlett-Packard...
|
1SMB5953BT3 1SMB5945BT3 1SMB5948BT 1SMB5954BT3 1SM |
PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS HEADER,10 CONTACT,1 surface mount silicon Zener diodes 130 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3.9 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V / 5V, 160MHz 1:4 Outputs Clock Driver 33 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 表面贴装硅稳压二极管 surface mount silicon Zener diodes 16 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 5.1 V, 0.83 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.3V, 140MHz Mobile PC 1:7 Output Clock Driver with Edge Rate Control CONN TERM BLK GROUNDING 4.2MM AI10-12BN ER 24C 24#16 PIN RECP LINE 3 Watt Plastic Surface Mount Silicon Zener Diodes From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola Inc Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA [Motorola, Inc] MOTOROLA[Motorola, Inc]
|
MA4P1250 MA4P1450 |
Surface Mount PIN Diodes
|
MACOM[Tyco Electronics]
|
HSMP-3824-TR1G HSMP-3824-TR2G HSMP-3823-BLKG HSMP- |
Surface Mount RF PIN Switch and Limiter Diodes
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
HSMP-381A HSMP-381A-BLK HSMP-381A-TR1 HSMP-381B-BL |
Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
|
http:// HP[Agilent(Hewlett-Packard)]
|
MA4CS102B MA4CS101 MA4CS101A MA4CS101B MA4CS101E M |
Surface Mount Schottky Diodes 表面贴装肖特基二极管 From old datasheet system Surface Mount Schotty Diodes
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] MA-Com
|
GMP4211 GMP4211-GM1 GMP4212 GMP4212-GM1 GMP4215 GM |
75 V, SILICON, PIN DIODE 100 V, SILICON, PIN DIODE Surface Mount PIN & Limiter Diodes
|
MICROSEMI CORP-LOWELL Microsemi Corporation
|
RD2.2F RD2.4F RD33F RD3.6F RD6.8F RD5.1F RD3.9F RD |
ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE CAC 7C 7#16S PIN RECP 稳压二极瓦的DO - 41玻璃密封包装 surface mount silicon Zener diodes 表面贴装硅稳压二极管 Constant Voltage diode 1W DO-41
|
NEC, Corp. NEC Corp. NEC[NEC]
|
HSMP-3802 HSMP-3804 HSMP-3810 HSMP-3820 |
(HSMP-38xx / HSMP-48xx) Surface Mount PIN Diodes
|
Agilent
|
HSMP-3810 HSMP-3814 DEMO-HSMP38-XX HSMP-481B |
Surface Mount RF PIN Low Distortion Attenuator Diodes(表贴型射PIN 低衰减失真二极管) 演示电路 Low Distortion Pin Attenuator Diode
|
AGILENT
|
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|